PART |
Description |
Maker |
JQX-54FEAZ277BDC24VC JQX-54FEAZ250BDC48VC JQX-54FE |
Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A. 紧凑的高容量感性负载继电器,下0A和当前稳0A的电流
|
DB Lectro Inc. DB Lectro, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MP4202 E002501 |
HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP441007 MP4410 |
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
|
Toshiba Semiconductor
|
NUD3124 NUD3124D NUD3124DMT NUD3124LT1 NUD3124DMT1 |
Automotive Inductive Load Driver
|
ONSEMI[ON Semiconductor]
|
NUD3124_05 NUD3124 NUD3124DMT1 NUD3124DMT1G NUD312 |
Automotive Inductive Load Driver
|
ONSEMI[ON Semiconductor]
|
NUD3124-16 |
Automotive Inductive Load Driver
|
ON Semiconductor
|
MP4013 E002486 |
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP4501 E002520 |
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP451407 MP4514 |
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
|
Toshiba Semiconductor
|
MP450407 MP4504 |
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
|
Toshiba Semiconductor
|